전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC773.3MCTTR 데이터시트(PDF) 2 Page - Microchip Technology

부품명 TC773.3MCTTR
상세설명  Thermal Sensor with SPI Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC773.3MCTTR 데이터시트(HTML) 2 Page - Microchip Technology

  TC773.3MCTTR Datasheet HTML 1Page - Microchip Technology TC773.3MCTTR Datasheet HTML 2Page - Microchip Technology TC773.3MCTTR Datasheet HTML 3Page - Microchip Technology TC773.3MCTTR Datasheet HTML 4Page - Microchip Technology TC773.3MCTTR Datasheet HTML 5Page - Microchip Technology TC773.3MCTTR Datasheet HTML 6Page - Microchip Technology TC773.3MCTTR Datasheet HTML 7Page - Microchip Technology TC773.3MCTTR Datasheet HTML 8Page - Microchip Technology TC773.3MCTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC77
DS20092A-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD........................................................................6.0V
All inputs and outputs w.r.t. VSS ..... -0.3V to VDD +0.3V
Storage temperature ..........................-65°C to +150°C
Ambient temp. with power applied .....-55°C to +125°C
Junction Temperature......................................... 150°C
ESD protection on all pins:
Human Body Model (HBM)..............................>4 kV
Machine Model (MM) ......................................>200V
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
PIN FUNCTION TABLE
Name
Function
SI/O
Serial Data Pin
SCK
Serial Clock
VSS
Ground
CS
Chip Select (Active-Low)
NC
No Connection
VDD
Power Supply
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at VDD = 2.7V to 5.5V and
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Operating Voltage Range
VDD
2.7
—
5.5
V
Note 1
Operating Current
IDD
—
250
400
µA
Continuous Temperature
Conversion Mode
Power-On Reset Threshold
VPOR
1.2
1.6
2.2
V
V
DD falling or rising edge
Standby Supply Current
IDD-
STANDBY
—
0.1
1.0
µA
Shutdown Mode
Temperature to Bits Converter
Resolution
—
13
—
Bits
ADC LSb = 0.0625°C/bit
(Note 4)
Temperature Conversion Time
tCT
—
300
400
ms
Temperature Accuracy
(Note 1)
TERR
-1.0
-2.0
-3.0
—
—
—
+1.0
+2.0
+3.0
°C
+25°C < TA < +65°C
-40°C < TA < +85°C
-55°C < TA < +125°C
TC77-3.3MXX: VDD = 3.3V
TC77-5.0MXX: VDD = 5.0V
Note 1: The TC77-3.3MXX and TC77-5.0MXX will operate from a supply voltage of 2.7V to 5.5V. However, the tem-
perature accuracy of the TC77-3.3MXX and TC77-5.0MXX is specified at the nominal operating voltages of
3.3V and 5.0V, respectively. As VDD varies from the nominal operating value, the accuracy may be
degraded (Refer to Figures 2-6 and 2-7).
2: All time measurements are measured with respect to the 50% point of the signal.
3: Load Capacitance, CL = 80 pF, is used for AC timing measurements of output signals.
4: Resolution = Temperature Range/No. of Bits = (+255°C – -256°C) / (213)
Resolution = 512/8192 = 0.0625°C/Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22