전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DI01D 데이터시트(PDF) 2 Page - Wall Industries,Inc.

부품명 DI01D
상세설명  RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DI01D 데이터시트(HTML) 2 Page - Wall Industries,Inc.

  DI01D Datasheet HTML 1Page - Wall Industries,Inc. DI01D Datasheet HTML 2Page - Wall Industries,Inc. DI01D Datasheet HTML 3Page - Wall Industries,Inc. DI01D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A
DI01D Series
1.2 to 15 Watts
1A Output Current
Non-Isolated DC/DC Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
01/06/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
SPECIFICATIONS: DI01D Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
Input Filter (See Figure 1)
Input capacitor needed only if Vin >32VDC
C filter
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
±2
%
Line Regulation
1.2 ~ 1.5VDC Output Models
LL to HL at full load
0.3
%
1.8 ~ 15VDC Output Models
0.3
%
Load Regulation
1.2 ~ 1.5VDC Output Models
10% to 100% full load
0.6
%
1.8 ~ 15VDC Output Models
0.4
%
Output Power
1.2 ~ 15 Watts
Output Current
1
A
Ripple & Noise (20MHz BW)
1.2 ~ 6.5VDC Output Models
without output capacitor
50
mVp-p
9 ~ 15VDC Output Models
75
mVp-p
Capacitive Load
470
μF
Transient Response
50% load step change
250
µs
PROTECTION
Short Circuit Protection
continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
500
KHz
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating
-40
+85
°C
Storage Temperature
-55
+125
°C
Humidity
95
%
Cooling
Free air convection
MTBF
+25°C
MIL-HDBK-217F
5,000,000 hours
+71°C
1,000,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Non-conductive black plastic
Weight
0.07oz (2.0g)
Dimensions (L x W x H)
0.45 x 0.40 x 0.30 inches
(11.5 x 10.0 x 7.5 mm)
*Due to advances in technology, specifications are subject to change without notice.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com