| 전자부품 데이터시트 검색엔진 |
|
AD5247BKS100-R2 데이터시트(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5247BKS100-R2 데이터시트(HTML) 8 Page - Analog Devices |
|
8 / 20 page ![]() AD5247 CODE (Decimal) 0 –1.0 –0.8 –0.6 –0.4 16 32 48 –0.2 0 0.2 0.4 0.6 0.8 1.0 64 80 96 112 128 TA = –40°C TA = +25°C TA = +85°C TA = +125°C TA = –40°C TA = +85°C TA = +25°C TA = +125°C Figure 8. R-INL vs. Code vs. Temperature CODE (Decimal) 0 –0.5 –0.4 –0.3 –0.2 16 32 48 –0.1 0 0.1 0.2 0.3 0.4 0.5 64 80 96 112 128 TA = –40°C, +25°C, +85°C, +125°C –40°C +25°C +85°C +125°C VDD = 2.7V RAB = 10kΩ Figure 9. R-DNL vs. Code vs. Temperature TEMPERATURE (°C) –40 –3.0 –0.5 0 –25 –10 5 20 35 50 65 80 –2.5 –2.0 –1.5 –1.0 95 110 125 VDD = 5.5V, VA = 5.5V VDD = 2.7V, VA = 2.7V Figure 10. Full-Scale Error vs. Temperature TEMPERATURE (°C) –40 0 0.25 0.50 0.75 –25 –10 5 1.00 1.25 1.50 20 35 50 65 80 95 110 125 VDD = 5.5V, VA = 5.5V VDD = 2.7V, VA = 2.7V Figure 11. Zero-Scale Error vs. Temperature TEMPERATURE (°C) –40 0.01 0.1 1 10 –25 –10 100 5 20 35 50 65 80 95 110 125 VDD = 5.5V VDD = 2.7V DIGITAL INPUTS = 0V CODE = 0x40 Figure 12. Supply Current vs. Temperature CODE (Decimal) 0 –500 –400 –300 –200 16 32 48 64 80 96 112 128 200 300 400 500 –100 0 100 VDD = 2.7V RAB = 10kΩ TA = –40°C to +125°C TA = –40°C to +85°C Figure 13. Rheostat Mode Tempco ∆RWB/∆T vs. Code Rev. 0 | Page 8 of 20 |