전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NZT753 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 NZT753
상세설명  PNP Current Driver Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT753 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  NZT753 Datasheet HTML 1Page - Fairchild Semiconductor NZT753 Datasheet HTML 2Page - Fairchild Semiconductor NZT753 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, April 2003
Absolute Maximum Ratings* T
A=25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150
°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
A=25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Thermal Characteristics * T
A=25°C unless otherwise noted
* Device mounted on FR-4 PCB 36mm
× 18mm × 1.5mm; mounting pad for the collector lead min 6cm2.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
- 100
V
VCBO
Collector-Base Voltage
- 120
V
VEBO
Emitter-Base Voltage
- 5.0
V
IC
Collector Current
- Continuous
- 4.0
A
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ +150
°C
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
-100
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100µA, IE = 0
-120
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -100µA, IC = 0
-5.0
V
ICBO
Collector-Base Cutoff Current
VCB = -100V, IE = 0
TA = 100°C
-0.1
-10
µA
µA
IEBO
Emitter-Base Cutoff Current
VEB = -4V, IC = 0
-0.1
µA
On Characteristics *
hFE
DC Current Gain
VCE = -2.0V, IC = -50mA
VCE = -2.0V, IC = -500mA
VCE = -2.0V, IC = -1.0A
70
100
55
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -1.0A, IC = -50mA
-0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = -1.0A, IB = -100mA
-1.25
V
VBE(on)
Base-Emitter On Voltage
VCE = -2.0V, IC = -1.0A,
-1.0
V
Small Signal Characteristics
fT
Transition Frequency
VCE = -5V, IC = -100mA, f = 100MHz
75
MHz
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25C
1.2
9.7
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
103
°C/W
NZT753
PNP Current Driver Transistor
• This device is designed for power amplifier, regulator and switching
circuits where speed is important. Sourced from Process 5P.
SOT-223
1
2
4
3
1. Base 2. Collector 3. Emitter


유사한 부품 번호 - NZT753

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
PNP Current Driver Transistor
logo
Guangdong Kexin Industr...
NZT753 KEXIN-NZT753 Datasheet
38Kb / 1P
PNP Current Driver Transistor
More results

유사한 설명 - NZT753

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
MMBTA56 SAMSUNG-MMBTA56 Datasheet
28Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
D45C11 FAIRCHILD-D45C11 Datasheet
58Kb / 3P
PNP Current Driver Transistor
NZT751 FAIRCHILD-NZT751 Datasheet
99Kb / 3P
PNP Current Driver Transistor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
PNP Current Driver Transistor
logo
Seme LAB
SJ5437 SEME-LAB-SJ5437 Datasheet
23Kb / 2P
PNP DRIVER TRANSISTOR
logo
Fairchild Semiconductor
NZT749 FAIRCHILD-NZT749 Datasheet
38Kb / 3P
PNP Current Driver Transistor
logo
Seme LAB
SJ5438 SEME-LAB-SJ5438 Datasheet
26Kb / 2P
PNP DRIVER TRANSISTOR
logo
Guangdong Kexin Industr...
NZT753 KEXIN-NZT753 Datasheet
38Kb / 1P
PNP Current Driver Transistor
logo
Fairchild Semiconductor
D45C11 FAIRCHILD-D45C11_10 Datasheet
101Kb / 3P
PNP Current Driver Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com