| 전자부품 데이터시트 검색엔진 |
|
TLE4284 데이터시트(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4284 데이터시트(HTML) 6 Page - Infineon Technologies AG |
|
6 / 15 page ![]() TLE 4284 Target Data Sheet Rev. 0.2 6 2000-10-06 Note: In the operating range, the functions given in the circuit description are fulfilled. Operating Range Parameter Symbol Limit Values Unit Remarks min. max. Input Voltage V I 6.3 40 V TLE 4284 DV33 Input Voltage V I 8.0 40 V TLE 4284 DV50 Input - Output Voltage Difference V I – VQ 3 40 V TLE 4284 DV Load Current Range I Q 10 Internally limited mA – Junction temperature T j – 40 150 °C – Thermal Resistance Junction ambient R thja – 144 K/W P-TO252-3-1 zero airflow, zero heat sink area Junction case R thjc – 4K/W – |