전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBW 데이터시트(PDF) 28 Page - Wall Industries,Inc.

부품명 CBW
상세설명  Up to 30 Watts, DC/DC Power Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW 데이터시트(HTML) 28 Page - Wall Industries,Inc.

Back Button CBW Datasheet HTML 24Page - Wall Industries,Inc. CBW Datasheet HTML 25Page - Wall Industries,Inc. CBW Datasheet HTML 26Page - Wall Industries,Inc. CBW Datasheet HTML 27Page - Wall Industries,Inc. CBW Datasheet HTML 28Page - Wall Industries,Inc. CBW Datasheet HTML 29Page - Wall Industries,Inc. CBW Datasheet HTML 30Page - Wall Industries,Inc. CBW Datasheet HTML 31Page - Wall Industries,Inc. CBW Datasheet HTML 32Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 28 of 34
CHARACTERISTIC CURVES
*Curves for CBW24T512-30. All test conditions are at 25ºC.
Efficiency vs. Output Load
Efficiency vs. Input Voltage, Full Load
Power Dissipation vs. Output Load
Derating Output Load vs. Ambient Temp. & Airflow Vin=Vin(nom)
Derating Output Load vs. Ambient Temperature with Heatsink & Airflow,
Vin=Vin(nom)
Typ. Output Ripple & Noise, Vin=Vin(nom), Full Load
Transient Response to Dynamic Load Change
from 100% to 75% to 100% of Full Load,
Vin=Vin(nom)
Typical Input Start-Up & Output Rise
Characteristic, Vin=Vin(nom), Full Load
Using ON/OFF Voltage Start-Up and Vo Rise
Characteristic, Vin=Vin(nom), Full Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34