전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP4021 데이터시트(PDF) 4 Page - Littelfuse

부품명 SP4021
상세설명  SP4021 Series 2.5pF, 25A Discrete TVS Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4021 데이터시트(HTML) 4 Page - Littelfuse

  SP4021 Datasheet HTML 1Page - Littelfuse SP4021 Datasheet HTML 2Page - Littelfuse SP4021 Datasheet HTML 3Page - Littelfuse SP4021 Datasheet HTML 4Page - Littelfuse SP4021 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/17
Lightning Surge Protection- SP4021 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Product Characteristics
Lead Plating
Matte Tin
Lead Material
Iron Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com