전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRY8SF 데이터시트(PDF) 13 Page - OSRAM GmbH

부품명 LRY8SF
상세설명  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF 데이터시트(HTML) 13 Page - OSRAM GmbH

Back Button LRY8SF_18 Datasheet HTML 9Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 10Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 11Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 12Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 13Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 14Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 15Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 16Page - OSRAM GmbH LRY8SF_18 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LR Y8SF
13 Version 1.3 | 2018-02-12
Reflow Soldering Profile
Product complies to MSL Level 4 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
Tp
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
Profile Feature
Symbol
Pb-Free (SnAgCu) Assembly
Unit
Minimum
Recommendation
Maximum
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
60
100
120
s
Ramp-up rate to peak*)
T
Smax to TP
2
3
K/s
Liquidus temperature
T
L
217
°C
Time above liquidus temperature
t
L
80
100
s
Peak temperature
T
P
245
260
°C
Time within 5 °C of the specified peak
temperature T
P - 5 K
t
P
10
20
30
s
Ramp-down rate*
T
P to 100 °C
3
6
K/s
Time
25 °C to T
P
480
s
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22