전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL9320 데이터시트(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

부품명 BL9320
상세설명  2A, 20V Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLING [SHANGHAI BELLING CO., LTD.]
홈페이지  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9320 데이터시트(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL9320 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9320 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BL9320
2A, 20V Synchronous Step-Down Converter
www.belling.com.cn
1
V1.0
DESCRIPTION
The BL9320 is a current mode monolithic buck
voltage converter. Operating with an input range
of
4.5V-20V,
the
BL9320
delivers
2A
of
continuous output current with two integrated
N-Channel MOSFETs. At light loads, regulators
operate in low frequency to maintain high
efficiency and low output ripple.
The BL9320 guarantees robustness with over
current protection, thermal protection,
start-up
current run-away protection, and input under
voltage lockout.
The BL9320 is available in a 6-pin TSOT23-6
package, which provides a compact solution with
minimum external components.
FEATURES
4.5V to 20V operating input range
2A output current b
Up to 95% efficiency
High efficiency at light load
Fixed 410kHz Switching frequency
Input under voltage lockout
Start-up current run-away protection
Over current protection and Hiccup
Thermal protection
Available in TSOT23-6 package
APPLICATIONS
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
TYPICAL APPLICATION


유사한 부품 번호 - BL9320

제조업체부품명데이터시트상세설명
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
1.5 MHz, Dual 800mA Synchronous Buck Converter
More results

유사한 설명 - BL9320

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
ELM Electronics
ELM613DA ELM-ELM613DA Datasheet
1Mb / 11P
2A, 20V, 550kHz, synchronous step-down DC/DC converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1482A TECHCODE-TD1482A Datasheet
965Kb / 15P
2A 20V Synchronous Rectified Step-Down Converte
logo
Shenzhen Huazhimei Semi...
HM2259D HMSEMI-HM2259D Datasheet
1Mb / 9P
2A, 4.5V-20V Input竊?MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com