전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5530A 데이터시트(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 CS5530A
상세설명  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A 데이터시트(HTML) 120 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 116Page - National Semiconductor (TI) CS5530A Datasheet HTML 117Page - National Semiconductor (TI) CS5530A Datasheet HTML 118Page - National Semiconductor (TI) CS5530A Datasheet HTML 119Page - National Semiconductor (TI) CS5530A Datasheet HTML 120Page - National Semiconductor (TI) CS5530A Datasheet HTML 121Page - National Semiconductor (TI) CS5530A Datasheet HTML 122Page - National Semiconductor (TI) CS5530A Datasheet HTML 123Page - National Semiconductor (TI) CS5530A Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 259 page
background image
www.national.com
120
Revision 1.1
Functional Description (Continued)
3.7.1.4
Programming Model
The following discussion explains, in steps, how to initiate
and maintain a bus master transfer between memory and
an audio slave device.
In the steps listed below, the reference to “Example” refers
to Figure 3-20, PRD Table Example.
1)
Software creates a PRD table in system memory.
Each PRD entry is 8 bytes long; consisting of a base
address pointer and buffer size. The maximum data
that can be transferred from a PRD entry is 64 KB. A
PRD table must be aligned on a 4-byte boundary. The
last PRD in a PRD table must have the EOT or JMP bit
set.
Example - Assume the data is outbound. There are
three PRDs in the example PRD table. The first two
PRDs (PRD_1, PRD_2) have only the EOP bit set.
The last PRD (PRD_3) has only the JMP bit set. This
example creates a PRD loop.
2)
Software loads the starting address of the PRD table
by programming the PRD Table Address Register.
Example - Program the PRD Table Address Register
with Address_3.
3)
Software must fill the buffers pointed to by the PRDs
with audio data. It is not absolutely necessary to fill the
buffers; however, the buffer filling process must stay
ahead of the buffer emptying. The simplest way to do
this is by using the EOP flags to generate an SMI
when a PRD is empty.
Example - Fill Audio Buffer_1 and Audio Buffer_2. The
SMI generated by the EOP from the first PRD allows
the software to refill Audio Buffer_1. The second SMI
will refill Audio Buffer_2. The third SMI will refill Audio
Buffer_1 and so on.
4)
Read the SMI Status Register to clear the Bus Master
Error and End of Page bits (bits 1 and 0).
Set the correct direction to the Read or Write Control
bit (Command Register bit 3). Note that the direction of
the data transfer of a particular bus master is fixed and
therefore the direction bit must be programmed
accordingly. It is assumed that the codec has been
properly programmed to receive the audio data.
Engage the bus master by writing a “1” to the Bus
Master Control bit (Command Register bit 0).
The bus master reads the PRD entry pointed to by the
PRD Table Address Register and increments the
address by 08h to point to the next PRD. The transfer
begins.
Example - The bus master is now properly pro-
grammed to transfer Audio Buffer_1 to a specific
slot(s) in the AC97 interface.
Figure 3-20. PRD Table Example
Address_1
Size_1
EOT = 0
Audio
Buffer_1
Audio
Buffer_2
Size_1
Size_2
Address_1
EOP = 1
JMP = 0
Address_2
Size_2
EOT = 0
EOP = 1
JMP = 0
Address_3
Don’t Care
EOT = 0
EOP = 0
JMP = 1
PRD_1
PRD_2
PRD_3
Address_2
Address_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com