전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5530A 데이터시트(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 CS5530A
상세설명  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A 데이터시트(HTML) 163 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 159Page - National Semiconductor (TI) CS5530A Datasheet HTML 160Page - National Semiconductor (TI) CS5530A Datasheet HTML 161Page - National Semiconductor (TI) CS5530A Datasheet HTML 162Page - National Semiconductor (TI) CS5530A Datasheet HTML 163Page - National Semiconductor (TI) CS5530A Datasheet HTML 164Page - National Semiconductor (TI) CS5530A Datasheet HTML 165Page - National Semiconductor (TI) CS5530A Datasheet HTML 166Page - National Semiconductor (TI) CS5530A Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 259 page
background image
Revision 1.1
163
www.national.com
Register Descriptions (Continued)
Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
7
Secondary Hard Disk Idle Timer Enable: Load timer from Secondary Hard Disk Idle Timer Count Register (F0 Index ACh)
and generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges selected in F0 Index 93h[4], the timer is reloaded with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
6
Secondary Hard Disk Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges selected in F0 Index 93h[4], an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[5].
5
ACPI Timer SMI: Allow SMI generation for MSB toggles on the ACPI Timer (F1BAR+Memory Offset 1Ch or I/O Port
121Ch). 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
4
Game Port Read SMI: Allow SMI generation on reads to game port (I/O Port 200h and 201h).
0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 84h/F4h[4].
For “Game Port Write SMI” see F0 Index 53h[3].
3
VGA Timer Enable: Turn on VGA Timer and generate an SMI when the timer reaches 0. 0 = Disable; 1 = Enable.
VGA Timer programming is at F0 Index 8Eh and F0 Index 8Bh[6].
To reload the count in the VGA timer, disable it, optionally change the count value in F0 Index 8Eh[7:0], and reenable it
before enabling power management.
SMI Status reporting is at F1BAR+Memory Offset 00h/02h[6] (only).
Although grouped with the power management Idle Timers, the VGA Timer is not a power management function. The VGA
Timer counts whether power management is enabled or disabled.
2
Video Retrace Interrupt SMI: Allow SMI generation whenever video retrace occurs. 0 = Disable; 1 = Enable.
This information is decoded from the serial connection (PSERIAL register, bit 7) from the GX-series processor. This function
is normally not used for power management but for softVGA routines.
SMI status reporting is at F1BAR+Memory Offset 00h/02h[5] (only).
1
General Purpose Timer 2 (GP Timer 2) Enable: Turn on GP Timer 2 and generate an SMI when the timer expires.
0 = Disable; 1 = Enable.
This idle timer is reloaded from the assertion of GPIO7 (if programmed to do so). GP Timer 2 programming is at F0 Index
8Ah and 8Bh[5,3,2].
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[1].
0
General Purpose Timer 1 (GP Timer 1) Enable: Turn on GP Timer 1 and generate an SMI when the timer expires.
0 = Disable; 1 = Enable.
This idle timer’s load is multi-sourced and is reloaded any time an enabled event (F0 Index 89h[6:0]) occurs.
GP Timer 1 programming is at F0 Index 88h and 8Bh[4].
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[0]
Table 4-15. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com