| 전자부품 데이터시트 검색엔진 |
|
MCP1252T-ADJI/MS 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1252T-ADJI/MS 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 18 page ![]() MCP1252/3 DS21752A-page 4 2002 Microchip Technology Inc. AC CHARACTERISTICS TEMPERATURE SPECIFICATIONS Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40°C to +85°C, VIN = 2.7V to 5.5V, SELECT = GND, SHDN = VIN, CIN = COUT = 10 µF, CFLY = 1 µF, IOUT = 10 mA. Typical values are for TA = +25°C. Parameters Sym Min Typ Max Units Conditions Internal Oscillator Frequency FOSC 520 800 650 1000 780 1200 kHz kHz MCP1252 MCP1253 Ripple Voltage VRIP —50 45 —mVp-p mVp-p MCP1252 MCP1253 VOUT Wake-Up Time From Shutdown TWKUP —200 300 —µsec µsec SELECT = VIN SELECT = GND VIN = 3.6V, IOUT = 10 mA, SHDN = VIH(MIN), VOUT from 0 to 90% Nominal Regulated Output Voltage Parameters Symbol Min Typ Max Units Conditions Temperature Ranges: Specified Temperature Range TA -40 — +85 °C Maximum Operating Junction Temperature TJ — — +125 °C Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances: Thermal Resistance, 8 Pin MSOP θJA — 206 — °C/W Single-Layer SEMI G42-88 Board, Natural Convection |