전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP1253T-ADJI/MS 데이터시트(PDF) 13 Page - Microchip Technology

부품명 MCP1253T-ADJI/MS
상세설명  Low Noise, Positive-Regulated Charge Pump
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253T-ADJI/MS 데이터시트(HTML) 13 Page - Microchip Technology

Back Button MCP1253T-ADJI/MS Datasheet HTML 9Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 10Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 11Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 12Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 13Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 14Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 15Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 16Page - Microchip Technology MCP1253T-ADJI/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 2002 Microchip Technology Inc.
DS21752A-page 13
MCP1252/3
7.0
PACKAGING INFORMATION
7.1
Package Marking
Legend: XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
8-Lead MSOP (Fixed)
Example:
XXXXX
YWWNNN
1252SX
233025
8-Lead MSOP (Adjustable)
Example:
XXXXX
YWWNNN
1253DJ
233025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18