전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSOX4MASK 데이터시트(PDF) 16 Page - Keysight Technologies

부품명 DSOX4MASK
상세설명  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK 데이터시트(HTML) 16 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 12Page - Keysight Technologies DSOX4MASK Datasheet HTML 13Page - Keysight Technologies DSOX4MASK Datasheet HTML 14Page - Keysight Technologies DSOX4MASK Datasheet HTML 15Page - Keysight Technologies DSOX4MASK Datasheet HTML 16Page - Keysight Technologies DSOX4MASK Datasheet HTML 17Page - Keysight Technologies DSOX4MASK Datasheet HTML 18Page - Keysight Technologies DSOX4MASK Datasheet HTML 19Page - Keysight Technologies DSOX4MASK Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Advanced math analysis provides a variety of additional math
functions and comes standard on the 4000 X-Series. Additionally,
math functions can be nested to provide additional insight into
your designs. You can create up to four math functions, with one
resultant math function displayed at a time.
Operators
– Add, subtract, multiply, divide
Transforms
– Differentiate, integrate
– FFT
– Ax + B
– Squared, square root
– Absolute value
– Common logarithm, natural logarithm
– Exponential, base 10 exponential
Filters
– Low-pass filter, high-pass filter
– Averaged value, smoothing, envelope
Visualizations
– Magnify
– Max hold, min hold
– Measurement trend
– Chart logic bus timing, chart logic bus state
Figure 32. Four math functions can be created and nested with one
resultant math function.
Figure 31. A variety of advanced math functions are standard in the 4000
X-Series.
36 automatic measurements
Automatic measurements are the essential tool of an
oscilloscope. In order to make quick and efficient measurements,
the 4000 X-Series provides 36 powerful automatic measurements
and can display up to 10 at a time. Measurements can be gated
by auto select, main window, zoom window, or cursors.
Figure 33. Up to 10 automated measurements displayed simultaneously.
Measurements can be gated by cursors.
Oscilloscope Experience Redefined:
Other Key Productivity Tools (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39