전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBDSC8650-G 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBDSC8650-G
상세설명  Silicon Carbide Power Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBDSC8650-G 데이터시트(HTML) 2 Page - Comchip Technology

  CDBDSC8650-G Datasheet HTML 1Page - Comchip Technology CDBDSC8650-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
QW-BSCXX
REV:
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Unit
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Total capacitive charge
Total capacitance
nC
pF
Conditions
QC
C
588
550
Parameter
Max.
Symbol
Min.
Forward voltage
VF
IF = 8A, Tj = 25°C
V
1.7
2.5
IF = 8A, Tj = 175°C
Typ.
1.45
1.75
Reverse current
μA
IR
200
VR = 650V, Tj = 25°C
VR = 650V, Tj = 175°C
100
15
10
VR = 400V, Tj = 150°C
QC = ∫
C(V) dv
VR
0
30
VR = 0V, Tj = 25°C, f = 1MHZ
VR = 200V, Tj = 25°C, f = 1MHZ
VR = 400V, Tj=25°C, f=1MHZ
57
56.5
54.5
54
RATING AND CHARACTERISTIC CURVES (CDBDSC8650-G)
Silicon Carbide Power Schottky Diode
Reverse Voltage, VR (V)
Fig.4 - Capacitance vs. Reverse Voltage
100
200
250
600
0
400
0.01
0.1
1
10
100
1000
Fig.2 - Reverse Characteristics
50
150
300
350
450
Reverse Voltage, VR (V)
0
0.04
0.09
0
200
400
800
0.05
0.07
100
300
600
500
700
0.01
0.06
0.08
0.02
Case Tempature, TC (°C)
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
4
11
2.0
0
1.6
2.4
0.4
2
3
5
1.2
0.8
6
7
10
Fig.3 - Current Derating
9
8
TJ=75°C
T =125°C
J
TJ=25°C
T =175°C
J
0.03
T =175°C
J
T =125°C
J
TJ=25°C
TJ=75°C
500
550
150
175
75
125
70
30
10
0
50
100
25
20
40
50
60
10%
Duty
30% Du
ty
50% D
uty
70% Du
ty
90
80
DC



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com