전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB1002ARGET 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 TUSB1002ARGET
상세설명  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 10Page - Texas Instruments TUSB1002ARGET Datasheet HTML 11Page - Texas Instruments TUSB1002ARGET Datasheet HTML 12Page - Texas Instruments TUSB1002ARGET Datasheet HTML 13Page - Texas Instruments TUSB1002ARGET Datasheet HTML 14Page - Texas Instruments TUSB1002ARGET Datasheet HTML 15Page - Texas Instruments TUSB1002ARGET Datasheet HTML 16Page - Texas Instruments TUSB1002ARGET Datasheet HTML 17Page - Texas Instruments TUSB1002ARGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
RX1P
RX1N
TX1N
TX1P
GND
RX
TX
VIterm
ATXEN1
AIDLE1
ARXDET1
LOS
Rx
Detect
ALOSZ1
ARXTERM_EN1
RX2P
RX2N
TX2N
TX2P
GND
RX
TX
VIterm
ATXEN2
AIDLE2
ARXDET2
LOS
Rx
Detect
ALOSZ2
ARXTERM_EN2
LFPS
ALFPS2
LFPS
ALFPS1
Digital
FSM
CFG1
CH1_EQ1
CH1_EQ2
DCBOOST#
EN
CFG2
CH2_EQ1
CH2_EQ2
MODE
RSVD1
14
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB1002A is the industry’s first, dual lane USB 3.2 x1 SuperSpeedPlus redriver. As signals traverse
through a channel (like FR4 trace) the amplitude of the signal is attenuated. The attenuation varies depending on
the frequency content of the signal. Depending the length of the channel this attenuation could be large enough
resulting in signal integrity issues at a USB 3.2 receiver. By placing a TUSB1002A between USB3.2 host and
device the attenuation effect of the channel can eliminated or minimized. The result is a USB3.2 compatible eye
at the devices receiver. With up to 16 receiver equalization settings, the TUSB1002A can support many different
channel loss combinations. The TUSB1002A offers low power consumption on a single 3.3 V supply with its ultra
low power architecture. It supports the USB3.2 low power modes which further reduces idle power consumption.
The TUSB1002A settings are configured through pins. In addition to equalization adjustment, the TUSB1002A
provides knobs for adjusting DC gain and voltage output linearity range.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com