| 전자부품 데이터시트 검색엔진 |
|
DCHBW150-24S48-RTF1 데이터시트(PDF) 3 Page - Wall Industries,Inc. |
|
|
|||||||||||||||||||||||||||||
DCHBW150-24S48-RTF1 데이터시트(HTML) 3 Page - Wall Industries,Inc. |
|
3 / 13 page ![]() Rev G DCHBW150 SERIES Up to 182 Watts Half-Brick DC/DC Converter Single Outputs 1/9/2018 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 3 of 13 SPECIFICATIONS All specifications are based on 25°C, Nominal Input, and Full Load unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit REMOTE ON/OFF CONTROL (See Note 5) Positive Logic (Standard) DC/DC ON Open or 3~12VDC DC/DC OFF Short or 0~1.2VDC Negative Logic DC/DC ON Short or 0~1.2VDC DC/DC OFF Open or 3~12VDC Input Current of CTRL Pin -0.5 1 mA Remote OFF Input Current 3 mA PROTECTION Short Circuit Protection Continuous, Automatic Recovery Over Load Protection %of Iout rated; Hiccup Mode 120 150 % Over Voltage Protection % of Vout (nom); Hiccup Mode 115 130 % Over Temperature Protection +120 ºC ENVIRONMENTAL SPECIFICATIONS Operating Case Temperature Base-Plate -40 +115 ºC Storage Temperature Terminal Block Type -40 +105 ºC Others -55 +125 ºC Thermal Impedance (See Note 6) Module without Assembly Option 6.1 ºC/W Only Mount on the Iron Base-Plate 2.8 Heat-Sink Type with 0.24” Height 5.1 Heat-Sink Type with 0.45” Height 4.6 Relative Humidity 5 95 %RH Thermal Shock MIL-STD-810F Shock EN61373, MIL-STD-810F Vibration EN61373, MIL-STD-810F MTBF MIL-HDBK-217F, Full Load 350,000 Hours GENERAL SPECIFICATIONS Efficiency See Table Switching Frequency 225 250 275 kHz Isolation Voltage 1 Minute (Reinforced Insulation) 110Vin (nom) Input to Output 3000 VAC Input (Output) to Case 1500 1 Minute (Basic Insulation) Others Input to Output 2250 VDC Input (Output) to Case 1600 Isolation Resistance 500VDC 1 G Ω Isolation Capacitance 2500 pF PHYSICAL SPECIFICATIONS Weight Through Hole Package 3.70oz (105g) Terminal Block without EMC Filter (-T Suffix) 8.29oz (235g) Terminal Block with EMC Filter (-TF Suffix) 9.88oz (280g) Terminal Block with EMC Filter That Can Connect to PE (-TF1 Suffix) 10.12oz (287g) Dimensions (L x W x H) Through Hole Package 2.40 x 2.28 x 0.50in (61 x 57.9 x 12.7mm) Terminal Block without EMC Filter (-T Suffix) 3.35 x 2.40 x 1.35in (85 x 61 x 34.2mm) Terminal Block with EMC Filter (-TF Suffix) 3.35 x 2.40 x 1.54in (85 x 61 x 39mm) Terminal Block with EMC Filter That Can Connect to PE (-TF1 Suffix) 3.35 x 2.40 x 1.59in (85 x 61 x 40.5mm) Case Material 24VDC Nominal Input & 48VDC Nominal Input Metal 110VDC Nominal Input Aluminum base-plate with Plastic Case Base Material 24VDC Nominal Input & 48VDC Nominal Input FR4 PCB Potting Material Silicone (UL94 V-0) SAFETY CHARACTERISTICS Safety Approvals IEC/UL/EN60950-1 UL:E193009 CB:UL (Demko) Standard Approvals EN50155 EN45545-2 EMI (See Note 7) EN55011, EN55032 Terminal Block with EMC Filter (-TF Suffix) Class A Terminal Block with EMC Filter that Can connect to PE (-TF1 Suffix) Class A Other Models with External Components Class A, Class B ESD EN61000-4-2 Air ±8kV and Contact ±6kV Perf. Criteria A Radiated Immunity EN61000-4-3 20V/m Perf. Criteria A Fast Transient (See Note 8) EN61000-4-4 ±2kV Perf. Criteria A Surge (See Note 8) EN61000-4-5 EN55024 ±2kV and EN50155 ±2kV Perf. Criteria A Conducted Immunity EN61000-4-6 10Vr.m.s Perf. Criteria A Power Frequency Magnetic Field EN61000-4-8 100A/m continuous; 100A/m 1 second Perf. Criteria A |