| 전자부품 데이터시트 검색엔진 |
|
PIC16F818-E/ML 데이터시트(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F818-E/ML 데이터시트(HTML) 42 Page - Microchip Technology |
|
42 / 176 page ![]() PIC16F818/819 DS39598E-page 40 2004 Microchip Technology Inc. FIGURE 5-1: BLOCK DIAGRAM OF RA0/AN0:RA1/AN1 PINS FIGURE 5-2: BLOCK DIAGRAM OF RA3/AN3/VREF+ PIN FIGURE 5-3: BLOCK DIAGRAM OF RA2/AN2/VREF- PIN FIGURE 5-4: BLOCK DIAGRAM OF RA4/AN4/T0CKI PIN Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD I/O pin Q D Q CK Input Mode D Q EN TTL Input Buffer VDD To A/D Module Channel Input VSS Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD I/O pin Q D Q CK Input Mode D Q EN VDD To A/D Module Channel Input To A/D Module VREF+ Input VSS TTL Input Buffer Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD I/O pin Q D Q CK Input Mode D Q EN VDD To A/D Module Channel Input To A/D Module VREF- Input VSS TTL Input Buffer Data Bus Q D Q CK P N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA Analog VSS VDD I/O pin Q D Q CK Input Mode D Q EN VDD To A/D Module Channel Input TMR0 Clock Input VSS Schmitt Trigger Input Buffer |