전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPHSA-152 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 SPHSA-152
상세설명  Phase Shifter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SPHSA-152 데이터시트(HTML) 1 Page - Mini-Circuits

  SPHSA-152 Datasheet HTML 1Page - Mini-Circuits SPHSA-152 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Overview
Mini-Circuits’ SPHSA-152+ is a surface mount voltage variable phase shifter providing precise 360˚ phase control from 800 to
1500 MHz, supporting many popular cellular and communications application bands. This model achieves low insertion loss of
2.8 dB and good VSWR of 1.2:1. It has a control bandwidth of DC to 50 kHz and a control voltage range of 0 to +15V. Housed
in a shielded, 12-lead package with wrap-around terminations, the unit measures only 0.44 x 0.74 x 0.19”, offering a space-
efficient, low-cost alternative to larger connectorized phase shifters.
Feature
Advantages
Low insertion loss, 2.8 dB typ.
Enables good transmission of signal power from input to output and minimizes effect on system noise
figure.
Good VSWR, 1.2:1 typ.
SPHSA-152+ provides good input/output matching for 50Ω systems.
Wide Phase Shift, 360°
In test environments, full 360˚ phase control allows the user to experiment with various incident phases.
This can be used to test residual phase noise of amplifiers and to determine the influence of phase be-
tween two mismatched components in a system.
Miniature Size:
0.44 x 0.74 x 0.19”
Saves PCB space and system cost.
SPHSA-152+
The Big Deal
• Wideband
• Excellent VSWR, 1.2:1 typ.
• Wide phase shift, 360°
50
360° Voltage Variable
800 to 1500 MHz
CASE STYLE: JW1441
Phase Shifter
Surface Mount


유사한 부품 번호 - SPHSA-152

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SPHSA-251 MINI-SPHSA-251 Datasheet
322Kb / 2P
Phase Shifter
More results

유사한 설명 - SPHSA-152

제조업체부품명데이터시트상세설명
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
PHASE SHIFTER
PSD-2SH-5.5G MERRIMAC-PSD-2SH-5.5G Datasheet
84Kb / 2P
PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
PHASE SHIFTER
PS-923 SYNERGY-PS-923 Datasheet
374Kb / 3P
PHASE SHIFTER
PS-927 SYNERGY-PS-927 Datasheet
320Kb / 3P
PHASE SHIFTER
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
PHASE SHIFTER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com