전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U6264BDC07LL 데이터시트(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

부품명 U6264BDC07LL
상세설명  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZMD [Zentrum Mikroelektronik Dresden AG]
홈페이지  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264BDC07LL 데이터시트(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  U6264BDC07LL Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264BDC07LL Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
April 20, 2004
U6264B
Switching Characteristics
Symbol
Min.
Max.
Unit
Alt.
IEC
Time to Output in Low-Z
tLZ
tt(QX)
510
ns
Cycle Time
Write Cycle Time
Read Cycle Time
tWC
tRC
tcW
tcR
70
70
ns
ns
Access Time
E1 LOW or E2 HIGH to Data Valid
G LOW to Data Valid
Address to Data Valid
tACE
tOE
tAA
ta(E)
ta(G)
ta(A)
-
-
-
70
40
70
ns
ns
ns
Pulse Widths
Write Pulse Width
Chip Enable to End of Write
tWP
tCW
tw(W)
tw(E)
50
65
ns
ns
Setup Times
Address Setup Time
Chip Enable to End of Write
Write Pulse Width
Data Setup Time
tAS
tCW
tWP
tDS
tsu(A)
tsu(E)
tsu(W)
tsu(D)
0
65
50
35
ns
ns
ns
ns
Data Hold Time
Address Hold from End of Write
tDH
tAH
th(D)
th(A)
0
0
ns
ns
Output Hold Time from Address Change
tOH
tv(A)
5ns
E1 HIGH or E2 LOW to Output in High-Z
W LOW to Output in High-Z
G HIGH to Output in High-Z
tHZCE
tHZWE
tHZOE
tdis(E)
tdis(W)
tdis(G)
0
0
0
25
30
25
ns
ns
ns
Data Retention Mode E1-Controlled
Data Retention
4.5 V
tDR
trec
VCC
E1
VCC(DR) ≥ 2 V
VE2(DR) ≥ VCC(DR) - 0.2 V or VE2(DR) ≤ 0.2 V
VCC(DR) - 0.2 V ≤ VE1(DR) ≤ VCC(DR) + 0.3 V
0 V
2.2 V
2.2 V
VCC(DR) ≥ 2 V
Data Retention Mode E2-Controlled
Data Retention
trec
tDR
0.8 V
0.8 V
VE2(DR) ≤ 0.2 V
4.5 V
0 V
VCC
E2
Chip Deselect to Data Retention Time
tDR :
min 0 ns
Operating Recovery Time
trec :
min tcR



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com