전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4650EN 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH4650EN
상세설명  High Power Infrared LED (60 mW)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4650EN 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH4650EN Datasheet HTML 1Page - OSRAM GmbH SFH4650EN Datasheet HTML 2Page - OSRAM GmbH SFH4650EN Datasheet HTML 3Page - OSRAM GmbH SFH4650EN Datasheet HTML 4Page - OSRAM GmbH SFH4650EN Datasheet HTML 5Page - OSRAM GmbH SFH4650EN Datasheet HTML 6Page - OSRAM GmbH SFH4650EN Datasheet HTML 7Page - OSRAM GmbH SFH4650EN Datasheet HTML 8Page - OSRAM GmbH SFH4650EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018-02-05
1
2018-02-05
Narrow beam LED in MIDLED package (850 nm)
Version 1.7
SFH 4650
Ordering Information
Features:
•
High Power Infrared LED (60 mW)
•
Short switching times
•
Narrow halfangle (± 15°)
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
•
Taping as Toplooker
•
Also available as Sidelooker (SFH4655)
Applications
•
Infrared Illumination for cameras
•
IR data transmission
•
Automotive technology
•
Remote control
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4650
90 (≥ 40)
Q65110A1572
SFH 4650-UV
40 ... 125
Q65110A7888
Note:
Measured at a solid angle of Ω = 0.01 sr


유사한 부품 번호 - SFH4650EN

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4650 OSRAM-SFH4650 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4650 OSRAM-SFH4650 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4650-UV OSRAM-SFH4650-UV Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results

유사한 설명 - SFH4650EN

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
High Power Infrared LED
05-17-2007
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
infrared high power led
logo
Everlight Electronics C...
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
High Power Infrared LED
logo
OSRAM GmbH
SFH4655EN OSRAM-SFH4655EN Datasheet
465Kb / 13P
High Power Infrared LED (60 mW)
logo
Everlight Electronics C...
EAILP03SXAA0 EVERLIGHT-EAILP03SXAA0 Datasheet
356Kb / 6P
High Power Infrared LED
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
High Power Infrared LED
EAIST3535A5 EVERLIGHT-EAIST3535A5 Datasheet
432Kb / 8P
High Power Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com