| 전자부품 데이터시트 검색엔진 |
|
ACT2823 데이터시트(PDF) 24 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT2823 데이터시트(HTML) 24 Page - Active-Semi, Inc |
|
24 / 25 page ![]() ACT2823 REV 1, 01-DEC-2016 Innovative PowerTM ActiveSwitcherTM is a trademark of Active-Semi. 24 PACKAGE OUTLINE AND DIMENSIONS QFN55-40 D E PIN #1 DOT BY MARKING A3 A A1 Top View D/2 E/2 E1 D1 b e L Bottom View k SYMBOL DIMENSION IN MIL- LIMETERS DIMENSION IN INCHES MIN MAX MIN MAX A 0.700 0.800 0.028 0.031 A1 0.000 0.050 0.000 0.002 A3 0.203 REF 0.008 REF b 0.150 0.250 0.006 0.010 D 4.924 5.076 0.194 0.200 E 4.924 5.076 0.194 0.200 D1 3.300 3.500 0.130 0.138 E1 3.300 3.500 0.130 0.138 e 0.400TYP 0.016 TYP L 0.324 0.476 0.013 0.019 k 0.200 MIN 0.008 MIN Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@ac- tive-semi.com or visit http://www.active-semi.com. is a registered trademark of Active-Semi. |