전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR6302 데이터시트(PDF) 4 Page - Leshan Radio Company

부품명 LR6302
상세설명  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 데이터시트(HTML) 4 Page - Leshan Radio Company

  LR6302 Datasheet HTML 1Page - Leshan Radio Company LR6302 Datasheet HTML 2Page - Leshan Radio Company LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS
LR6302 Series
(VIN=VOUT+1V, CIN=COUT=1 F TA=25
,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
(5)
MAX.
UNITS
Input Voltage
VIN
2.5
18
V
Output Voltage Range
VOUT
1.2
5
V
DC Output Accuracy
IOUT=1mA
-2
2
%
-1
1
%
Dropout Voltage
Vdif
(6)
IOUT =100mA,VOUT=3.3V
160
mV
Supply Current
ISS
IOUT=0A
25
A
Line Regulation
IOUT =10mA
VOUT +1V VIN 18V
0.01
0.3
%/V
Load Regulation
VOUT
VIN= VOUT +1V,
1mA IOUT 100mA
10
mV
Temperature
Coefficient
IOUT=10mA,
-40°C<TA<125°C
50
ppm
Output Current Limit
ILIM
VOUT= 0.5 x VOUT(Normal) ,
VIN = 5V
350
500
-
mA
Short Current
ISHORT
VOUT =VSS
25
mA
Power Supply
Rejection Ratio
PSRR
IOUT=50mA
100Hz
80
dB
1kHz
65
10kHz
50
100kHz
45
Output Noise Voltage
VON
BW=10Hz to 100kHz
27 x VOUT
VRMS
Thermal Shutdown
Temperature
TSD
——
150
°C
Thermal Shutdown
Hysteresis
TSD
——
20
°C
Standby Current
ISTBY
CE = VSS
0.2
A
CE "High" Voltage
VCE“H”
1.5
VIN
V
CE "Low" Voltage
VCE“L”
0.3
V
COUT Auto-Discharge
Resistance
RDISCHRG
VIN=5V, VOUT=3.0V,
VCE=VSS
150
(5) Typical numbers are at 25°C and represent the most likely norm.
(6) Vdif
The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased Gradually
Till Output Voltage Equals To 98% Of VOUT (E).
LESHAN RADIO COMPANY, LTD.
4/1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com