| 전자부품 데이터시트 검색엔진 |
|
HT36A3 데이터시트(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT36A3 데이터시트(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 11 page ![]() Pin Assignment Pad Assignment Chip size: 83 ´ 111 (mil) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT36A3 Rev. 1.00 2 June 30, 2003 H T 3 6 A 3 4 8 S S O P - A P A 3 P A 2 P A 1 P A 0 P C 3 P C 2 P C 1 P C 0 N C N C N C N C N C N C O S C 2 O S C 1 N C N C R E S N C N C N C A U D T E S T P A 4 P A 5 P A 6 P A 7 P B 0 P B 1 P B 2 P B 3 P B 4 P B 5 P B 6 P B 7 N C N C V S S V S S A V D D V D D A N C N C N C N C N C N C 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 H T 3 6 A 3 2 8 S O P - A P A 4 P A 5 P A 6 P A 7 N C N C N C V S S V S S A V D D V D D A N C T E S T A U D P A 3 P A 2 P A 1 P A 0 N C N C O S C 2 N C O S C 1 N C R E S N C N C N C O S C 1 O S C 2 R E S V S S V D D P B 4 P B 5 P B 6 1 2 3 4 5 6 7 8 9 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 ( 0 , 0 ) 1 0 1 1 1 2 1 3 P B 7 V S S A V D D A |