| 전자부품 데이터시트 검색엔진 |
|
LEUWS2W 데이터시트(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LEUWS2W 데이터시트(HTML) 20 Page - OSRAM GmbH |
|
20 / 26 page ![]() 2015-11-27 20 Version 2.2 (not for new design) LE UW S2W Pin - Asignment Anschlussbelegung Tape dimensions [mm] Gurtmaße [mm] Tape dim ensi ons in m m Reel dimensions [mm] Rollenmaße [mm] Reel dim ensi ons in m m Pin / Anschluss Description / Function / Beschreibung / Funktion 1 Cathode; Chip 1 2 Anode; Chip 1 3 Cathode; Chip 2 4 Anode; Chip 2 5 Cathode; Chip 3 6 Anode; Chip 3 7 Cathode; Chip 4 8 Anode; Chip 4 W P0 P1 P2 D0 E F 12 + 0.3 / - 0.1 4 ± 0.1 4 ± 0.1 or 8 ± 0.1 2 ± 0.05 1.5 ± 0.1 1.75 ± 0.1 5.5 ± 0.05 A W N min W 1 W 2max 180 12 60 12.4 + 2 18.4 |