전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMWG5AP 데이터시트(PDF) 7 Page - OSRAM GmbH

부품명 LMWG5AP
상세설명  white P-LCC-4 package, clear silicone resin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LMWG5AP 데이터시트(HTML) 7 Page - OSRAM GmbH

Back Button LMWG5AP Datasheet HTML 3Page - OSRAM GmbH LMWG5AP Datasheet HTML 4Page - OSRAM GmbH LMWG5AP Datasheet HTML 5Page - OSRAM GmbH LMWG5AP Datasheet HTML 6Page - OSRAM GmbH LMWG5AP Datasheet HTML 7Page - OSRAM GmbH LMWG5AP Datasheet HTML 8Page - OSRAM GmbH LMWG5AP Datasheet HTML 9Page - OSRAM GmbH LMWG5AP Datasheet HTML 10Page - OSRAM GmbH LMWG5AP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LMW G5AP
2011-06-21
7
Relative spektrale Emission
2) Seite 17
Relative Spectral Emission2) page 17
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Ι
rel = f (λ); TS = 25 °C; IF = 100 mA
Abstrahlcharakteristik2) Seite 17
Radiation Characteristic
2) page 17
I
rel = f (ϕ); TS = 25 °C
40
0
350
20
60
80
100
%
nm
λ
OHL04308
λ
V
400
450
500
550
600
650
700
750
rel
I
OHL04283
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com