전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB-SP4T-63 데이터시트(PDF) 3 Page - Mini-Circuits

부품명 USB-SP4T-63
상세설명  USB RF SP4T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-SP4T-63 데이터시트(HTML) 3 Page - Mini-Circuits

  USB-SP4T-63 Datasheet HTML 1Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 2Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 3Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 4Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 5Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 6Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 7Page - Mini-Circuits USB-SP4T-63 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-SP4T-63
USB RF SP4T Switch
Parameter
Port
Conditions
Min.
Typ.
Max.
Units
Operating Frequency
1
6000
MHz
Insertion Loss
COM to any active port
1 to 3000 MHz
−
1.0
2.0
dB
3000 to 6000 MHz
−
1.6
3.0
Isolation
Between ports J1,J2,J3, and J4
1 to 500 MHz
50
85
−
dB
500 to 5000 MHz
35
60
5000 to 6000 MHz
33
55
−
COM to any terminated port
1 to 500 MHz
55
85
500 to 5000 MHz
30
50
5000 to 6000 MHz
25
40
−
VSWR
COM port
1 to 3000 MHz
−
1.10
1.40
:1
3000 to 6000 MHz
−
1.15
1.60
Any port connected to COM
1 to 3000 MHz
−
1.20
1.50
3000 to 6000 MHz
−
1.20
1.55
Any terminated port
1 to 3000 MHz
−
1.10
1.60
3000 to 6000 MHz
−
1.25
2.00
Power Input
@1 dB Compression 1,2
COM to any active port
10 to 6000 MHz
30
−
−
dBm
IP3 3
COM to any active port
10 to 6000 MHz
−
54
−
dBm
Switching Time
−
Note 4
−
3
−
µsec
Minimum dwell time
−
Using switching sequence function
−
5
−
µsec
Rated voltage
USB port
−
4.75
5
5.25
V
Rated Current
−
−
30
80
mA
Operating RF Input
Power
COM to any active port
Hot Switching
−
−
+17
dBm
Any terminated port
−
−
−
+17
COM to any active port
Through path 1
−
−
+27
Electrical Specifications
1 Max operating power degrades linearly below 10 MHz to +22 dBm at 1 MHz.
2 Note absolute maximum ratings in table below
3 Tested with 1 MHz span between signals.
4 Specified without communication delays. Switching time spec represents the time that the RF signal paths are interrupted during switching.
Connections
RF Switch (J1, J2, J3, J4, COM) (SMA female)
USB
(USB type Mini-B receptacle)
Absolute Maximum Ratings
Interface
USB HID
Host operating system -
USB Control
Windows 32/64 Bit operating system: Windows 98®,
Windows XP ®, Windows Vista®, Windows 7®, Windows 8®
Linux® support: 32/64 Bit operating system
Hardware
Pentium® II or better
Minimum System Requirements
Operating Temperature
0°C to 50°C
Storage Temperature
-20°C to 60°C
DC supply voltage max.
6V
RF power @ 1 -6000 MHz into termination
+20 dBm
RF power @ 10 -6000 MHz into COM or active port
+30 dBm
RF power @ 1 -10 MHz into COM or active port
+25 dBm
DC voltage @ RF Ports
16V
Permanent damage may occur if any of these limits are exceeded. Operating in the range
between operating power limits and absolute maximum ratings for extended periods of time may
result in reduced life and reliability.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com