전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASSERIES 데이터시트(PDF) 2 Page - Ohmite Mfg. Co.

부품명 ASSERIES
상세설명  Anti-surge Thick Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OHMITE [Ohmite Mfg. Co.]
홈페이지  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ASSERIES 데이터시트(HTML) 2 Page - Ohmite Mfg. Co.

  ASSERIES Datasheet HTML 1Page - Ohmite Mfg. Co. ASSERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
7
c h A r A cteri S tic S
AS Series
Anti-surge Thick Film Chip Resistors
Series
L
W
H
a
b
AS08 2.00 ±0.15 1.25 +0.15/-0.10 0.55 ±0.10 0.40 ±0.20 0.40 ±0.20
AS12 3.10 ±0.15 1.55 +0.15/-0.10 0.55 ±0.10 0.45 ±0.20 0.45 ±0.20
AS25 6.35 ±0.10
3.10 ±0.15
0.55 ±0.10 0.60 ±0.25 0.50 ±0.20
Series
A
B
C
AS08 1.3
1.2
1.0
AS12 1.8
1.2
2.2
AS25 3.0
2.5
4.0
Series
Packaging
Qty./reel
A
B
T
W
AS08
Paper
5,000 pcs. 1.65 2.40 0.81 10
AS12
Paper
5,000 pcs. 2.00 3.60 0.81 10
AS25 Embossed 4,000 pcs. 3.50 6.70 1.0 13.8
Dimen S ion S
(mm)
or D erin G in F orm Ation
Standard Part Numbers
Tape and Reel
Land Pattern
0805
AS08J1R00ET
AS08J10R0ET
AS08J1000ET
AS08J1001ET
AS08J1002ET
AS08J1003ET
AS08J1004ET
1206
AS12J1R00ET
AS12J10R0ET
AS12J1000ET
AS12J1001ET
AS12J1002ET
AS12J1003ET
AS12J1004ET
2512
AS25J1R00ET
AS25J10R0ET
AS25J12R0ET
AS25J15R0ET
AS25J22R0ET
AS25J1000ET
AS25J1001ET
AS25J1002ET
AS25J1003ET
AS25J1004ET
a
a
b
b
Pulse Curve
Lightning Surge
178 ±2
60 ±1
13 ±.5
2 ±.5
W ±1
21 ±.5
A ±.2
B ±.2
T ±.1
1.5 +0.1/-0
1.75 ±.1
3.5 ±0.05
4.0 ±.1
8.0 ±.2
Paper
Embossed
2.0 ±.05
A ±.2
B ±.2
1.0 ±.1
1.5 +0.1/-0
1.5 +0.1/-0
1.75 ±.1
3.5 ±0.05
4.0 ±.1
8.0 ±.2
2.0 ±.05
AS08J1004ET
RoHS
compliant
Ohms
First 3 digits are
significant; 4th digit
is multiplier. Values
below 100 ohms use
"R" as a decimal
holder.
examples:
1001 = 1000 ohms
1502 = 15000 ohms
Tolerance
J = 5%
standard
for E24
values
Series
AS08= 0805
AS12= 1206
AS25= 2512
TCR
T= tape and
reel: 0805 and
1206 paper
tape; 2512
embossed tape.
Single
AS25
AS12
AS08
AS25
AS12
AS08
Continuous (100K )
AS25
AS12
AS08
1.2/50µs Lightning Surge
Resistance (Ω)
10,000
1,000
100
10
1
10
100
1K
10K
1M
100K
B
C
A



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com