전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM38111 데이터시트(PDF) 6 Page - Monolithic Power Systems

부품명 MPM38111
상세설명  Dual 1A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM38111 데이터시트(HTML) 6 Page - Monolithic Power Systems

Back Button MPM38111 Datasheet HTML 2Page - Monolithic Power Systems MPM38111 Datasheet HTML 3Page - Monolithic Power Systems MPM38111 Datasheet HTML 4Page - Monolithic Power Systems MPM38111 Datasheet HTML 5Page - Monolithic Power Systems MPM38111 Datasheet HTML 6Page - Monolithic Power Systems MPM38111 Datasheet HTML 7Page - Monolithic Power Systems MPM38111 Datasheet HTML 8Page - Monolithic Power Systems MPM38111 Datasheet HTML 9Page - Monolithic Power Systems MPM38111 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPM38111
– 6V, 1A, DUAL-CHANNEL MODULE WITH INTEGRATED INDUCTORS
MPM38111 Rev. 1.0
www.MonolithicPower.com
6
8/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT1 = 1.8V, VOUT2 = 1.2V, L = 1µH, COUT1 = COUT2 = 22µF, TA = 25°C, unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com