전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4050A 데이터시트(PDF) 5 Page - Monolithic Power Systems

부품명 MP4050A
상세설명  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A 데이터시트(HTML) 5 Page - Monolithic Power Systems

  MP4050A Datasheet HTML 1Page - Monolithic Power Systems MP4050A Datasheet HTML 2Page - Monolithic Power Systems MP4050A Datasheet HTML 3Page - Monolithic Power Systems MP4050A Datasheet HTML 4Page - Monolithic Power Systems MP4050A Datasheet HTML 5Page - Monolithic Power Systems MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
5
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are VCC =5V, TJ = 25C, unless otherwise noted.
Minimum and maximum values are at VCC =5V, TJ = -40C to +125C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Over-Voltage Protection (PRO)
Over-Voltage Threshold
VOVP
1.85
2
2.15
V
Time Constraint on OVP Comparator
tOVP
21
32
μs
Thermal Protection
Thermal Foldback Threshold
(5)
TSTART
145
C
Thermal Shutdown Threshold
(5)
TSD
160
C
Thermal Shutdown Recovery
Hysteresis
(5)
THYS
50
C
Notes:
5) Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com