전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3167 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 TS5A3167
상세설명  0.9 OHM SPST ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3167 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TS5A3167 Datasheet HTML 9Page - Texas Instruments TS5A3167 Datasheet HTML 10Page - Texas Instruments TS5A3167 Datasheet HTML 11Page - Texas Instruments TS5A3167 Datasheet HTML 12Page - Texas Instruments TS5A3167 Datasheet HTML 13Page - Texas Instruments TS5A3167 Datasheet HTML 14Page - Texas Instruments TS5A3167 Datasheet HTML 15Page - Texas Instruments TS5A3167 Datasheet HTML 16Page - Texas Instruments TS5A3167 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TS5A3167
0.9 W SPST ANALOG SWITCH
SCDS187 − FEBRUARY 2005
www.ti.com
13
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
NC
Normally closed
2
COM
Common
3
GND
Digital ground
4
IN
Digital control pin to connect COM to NC
5
V+
Power supply
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
ron
Resistance between COM and NC ports when the channel is ON
rpeak
Peak on-state resistance over a specified voltage range
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under
worst-case input and output conditions
INC(PWROFF)
Leakage current measured at the NC port during the power-down condition, V+ = 0
ICOM(OFF)
Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the OFF state under
worst-case input and output conditions
ICOM(PWROFF)
Leakage current measured at the COM port during the power-down condition, V+ = 0
INC(ON)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output
(COM) open
ICOM(ON)
Leakage current measured at the COM port, with the corresponding channel (COM to NC) in the ON state and the output
(NC) open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Maximum input voltage for logic low for the control input (IN)
VI
Voltage at the control input (IN)
IIH, IIL
Leakage current measured at the control input (IN)
tON
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation
delay between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning ON.
tOFF
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation
delay between the digital control (IN) signal and analog output (COM or NC) signal when the switch is turning OFF.
QC
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC or COM)
output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ∆VCOM, CL is the load capacitance, and ∆VCOM is the change in analog output voltage.
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CCOM(OFF)
Capacitance at the COM port when the corresponding channel (COM to NC) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC) is ON
CI
Capacitance of control input (IN)
OISO
OFF isolation of the switch is a measurement of OFF-state switch impedance. This is measured in dB in a specific
frequency, with the corresponding channel (NC to COM) in the OFF state.
BW
Bandwidth of the switch. This is the frequency at which the gain of an ON channel is −3 dB below the DC gain.
THD
Total harmonic distortion describes the signal distortion caused by the analog switch. This is defined as the ratio of root
mean square (RMS) value of the second, third, and higher harmonic to the absolute magnitude of the fundamental
harmonic.
I+
Static power-supply current with the control (IN) pin at V+ or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com