전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADL5320 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADL5320
상세설명  RF Driver Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADL5320 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADL5320 Datasheet HTML 9Page - Analog Devices ADL5320 Datasheet HTML 10Page - Analog Devices ADL5320 Datasheet HTML 11Page - Analog Devices ADL5320 Datasheet HTML 12Page - Analog Devices ADL5320 Datasheet HTML 13Page - Analog Devices ADL5320 Datasheet HTML 14Page - Analog Devices ADL5320 Datasheet HTML 15Page - Analog Devices ADL5320 Datasheet HTML 16Page - Analog Devices ADL5320 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADL5320
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 35 shows the recommended land pattern for the ADL5320.
To minimize thermal impedance, the exposed paddle on the
SOT-89 package underside is soldered down to a ground plane
along with Pin 2. If multiple ground layers exist, stitch them
together using vias. For more information on land pattern design
and layout, refer to the Application Note AN-772, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
The land pattern on the ADL5320 evaluation board provides a
measured thermal resistance (θJA) of 35°C/W. To measure θJA, the
temperature at the top of the SOT-89 package is found with an
IR temperature gun. Thermal simulation suggests a junction
temperature 10°C higher than the top of the package temperature.
With additional ambient temperature and input/output power
measurements, θJA can be determined.
1.50mm
3.00mm
1.80mm
0.86mm
0.762mm
0.635mm
0.86mm
0.20mm
Figure 35. Recommended Land Pattern
Rev. B | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com