| 전자부품 데이터시트 검색엔진 |
|
EM78P257AM 데이터시트(PDF) 34 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257AM 데이터시트(HTML) 34 Page - ELAN Microelectronics Corp |
|
34 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 34 In a similar way, if the Comparator Status Changed Interrupt is used to wake-up the EM78P257A/B , the following instructions must be executed before SLEP: MOV A, @0bxx000110 ; Select internal TCC clock CONTW CLR R1 ; Clear TCC and prescaler MOV A, @0bxxxx1110 ; Select WDT prescaler CONTW WDTC ; Clear WDT and prescaler MOV A, @0b0xxxxxxx ; Disable WDT IOW RE MOV A, @0b1111xxxx ; Enable comparator high interrupt IOW RF ENI (or DISI) ; Enable (or disable) global interrupt SLEP ; Sleep NOP One problem user must be aware of, is that after waking up from the sleep mode, WDT will enable automatically. The WDT operation (being enabled or disabled) should be handled appropriately by software after waking up from the sleep mode. Table 6 Summary of the Initialized Values for Registers Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C57 C76 C55 C54 C53 C52 C51 C50 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC50 Wake-Up from Pin Change P P P P P P P P Bit Name C67 C66 C65 C64 C63 C62 C61 C60 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC60 Wake-Up from Pin Change P P P P P P P P Bit Name X X X X X X C71 C70 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC70 Wake-Up from Pin Change P P P P P P P P Bit Name TCC2E TCC4E TCC6E TCCBE X X X X Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC80 (TCCCR) Wake-Up from Pin Change P P P P P P P P Bit Name COIE4 COIE3 COIE2 COIE1 CE4 CE3 CE2 CE1 Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOC90 (CMPCR) Wake-Up from Pin Change P P P P P P P P Bit Name X X X X CI3 CI2 CI1 CI0 Power-On 1 1 1 1 0 0 0 0 N/A IOCA0 (COICS) /RESET and WDT 1 1 1 1 0 0 0 0 |