전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-3600 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-3600
상세설명  Silicon NPN Phototransistor in MIDLED package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3600 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-3600 Datasheet HTML 1Page - OSRAM GmbH SFH-3600 Datasheet HTML 2Page - OSRAM GmbH SFH-3600 Datasheet HTML 3Page - OSRAM GmbH SFH-3600 Datasheet HTML 4Page - OSRAM GmbH SFH-3600 Datasheet HTML 5Page - OSRAM GmbH SFH-3600 Datasheet HTML 6Page - OSRAM GmbH SFH-3600 Datasheet HTML 7Page - OSRAM GmbH SFH-3600 Datasheet HTML 8Page - OSRAM GmbH SFH-3600 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-12-15
1
2015-12-15
Silicon NPN Phototransistor in MIDLED package
Version 1.3
SFH 3600
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 500 ... 1100 nm
•
Package: MIDLED, Silicone, colourless, clear
•
Special: Toplooker
•
Narrow angle (± 20°)
•
Low profile component (1,6 mm)
•
Emitter in same package (SFH 46xx) available
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Interrupters, light curtains
•
Sensors (consumer and industrial applications)
•
Automotive applications
•
Proximity sensor
Type:
Photocurrent
Ordering Code
IPCE [µA]
λ = 950 nm, Ee = 0.1 mW/cm
2,
V
CE = 5 V
SFH 3600
100 ... 500
Q65110A1573
SFH 3600-2/3
100 ... 320
Q65110A2665
SFH 3600-3/4
160 ... 500
Q65110A2666
Note:
Only one bin within one packing unit (variation less than 2:1)


유사한 부품 번호 - SFH-3600

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
Silicon NPN Phototransistor in MIDLED package
More results

유사한 설명 - SFH-3600

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6620 AVAGO-ASDL-6620 Datasheet
184Kb / 4P
Silicon NPN Phototransistor in T-1 Package
logo
OSRAM GmbH
SFH3500 OSRAM-SFH3500 Datasheet
257Kb / 8P
Silicon NPN Phototransistor in SMR짰 Package
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-3500 OSRAM-SFH-3500 Datasheet
277Kb / 12P
Silicon NPN Phototransistor in SMR짰 Package
logo
ams AG
SFH3605 AMSCO-SFH3605 Datasheet
1Mb / 20P
Silicon NPN Phototransistor in MIDLED package
Version 1.5 2023-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com