전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-3605 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH-3605
상세설명  Silicon NPN Phototransistor in MIDLED package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3605 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH-3605 Datasheet HTML 1Page - OSRAM GmbH SFH-3605 Datasheet HTML 2Page - OSRAM GmbH SFH-3605 Datasheet HTML 3Page - OSRAM GmbH SFH-3605 Datasheet HTML 4Page - OSRAM GmbH SFH-3605 Datasheet HTML 5Page - OSRAM GmbH SFH-3605 Datasheet HTML 6Page - OSRAM GmbH SFH-3605 Datasheet HTML 7Page - OSRAM GmbH SFH-3605 Datasheet HTML 8Page - OSRAM GmbH SFH-3605 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.3
SFH 3605
2015-12-15
3
Grouping (TA = 25 °C, λ = 950 nm)
Group
Min Photocurrent
Max Photocurrent Rise and fall time
Collector-emitter
saturation
voltage
E
e = 0.1 mW/cm
2,
VCE = 5 V
E
e = 0.1 mW/cm
2,
VCE = 5 V
I
C = 1 mA, VCC = 5
V, RL = 1 kΩ
I
C = IPCEmin x 0.3, Ee
= 0.1 mW/cm
2
IPCE, min [µA]
IPCE, max [µA]
tr, tf [µs]
VCEsat [mV]
-2
100
200
30
150
-3
160
320
45
150
-4
250
500
70
150
Note.:
IPCEmin is the min. photocurrent of the specified group.
Relative Spectral Sensitivity 3) page 12
Srel = f(λ), axial direction
Photocurrent 3) page 12
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
400
0
20
40
Srel
80
60
%
100
λ
OHF02405
500 600 700 800 900
nm 1100
10
30
50
70
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com