전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4350 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4350
상세설명  High Power Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4350 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4350 Datasheet HTML 1Page - OSRAM GmbH SFH-4350 Datasheet HTML 2Page - OSRAM GmbH SFH-4350 Datasheet HTML 3Page - OSRAM GmbH SFH-4350 Datasheet HTML 4Page - OSRAM GmbH SFH-4350 Datasheet HTML 5Page - OSRAM GmbH SFH-4350 Datasheet HTML 6Page - OSRAM GmbH SFH-4350 Datasheet HTML 7Page - OSRAM GmbH SFH-4350 Datasheet HTML 8Page - OSRAM GmbH SFH-4350 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-09-23
1
2016-09-23
High Power Infrared Emitter (850 nm)
Version 1.5
SFH 4350
Ordering Information
Features:
High Power Infrared LED
Emission angle ± 13°
Very high radiant intensity
Short switching times
UL version available ( ordering code & test conditions on request)
Applications
Infrared Illumination for cameras
Data transmission
Sensor technology
Smoke detectors
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF= 100 mA, tp= 20 ms
SFH 4350
200 (≥ 63)
Q65110A2091
SFH 4350-AWBW
100 ... 320
Q65111A2797
Note:
Measured at a solid angle of Ω = 0.01 sr


유사한 부품 번호 - SFH-4350

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4356 OSRAM-SFH-4356 Datasheet
405Kb / 10P
Infrared Emitter
SFH-4356P OSRAM-SFH-4356P Datasheet
398Kb / 9P
Infrared Emitter
More results

유사한 설명 - SFH-4350

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com