전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4543 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4543
상세설명  High Power Infrared Emitter (940nm) in SMR짰 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4543 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4543 Datasheet HTML 1Page - OSRAM GmbH SFH-4543 Datasheet HTML 2Page - OSRAM GmbH SFH-4543 Datasheet HTML 3Page - OSRAM GmbH SFH-4543 Datasheet HTML 4Page - OSRAM GmbH SFH-4543 Datasheet HTML 5Page - OSRAM GmbH SFH-4543 Datasheet HTML 6Page - OSRAM GmbH SFH-4543 Datasheet HTML 7Page - OSRAM GmbH SFH-4543 Datasheet HTML 8Page - OSRAM GmbH SFH-4543 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2016-09-26
1
2016-09-26
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.3
SFH 4543
Ordering Information
Features:
•
High Power Infrared LED
•
SMR® (Surface Mount Radial) package
•
Same package as photodiode SFH 2500
•
Short switching times
Applications
•
Sensor technology
•
Discrete interrupters
•
Discrete optocouplers
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4543
230 (≥ 100)
Q65110A8094
SFH 4543-BWCW
160 ... 500
Q65111A9678
Note:
Measured at a solid angle of Ω = 0.01 sr


유사한 부품 번호 - SFH-4543

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4544 OSRAM-SFH-4544 Datasheet
412Kb / 9P
Infrared Emitter
SFH-4545 OSRAM-SFH-4545 Datasheet
405Kb / 9P
High Power Infrared Emitter
SFH-4546 OSRAM-SFH-4546 Datasheet
406Kb / 9P
High Power Infrared Emitter
SFH-4547 OSRAM-SFH-4547 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results

유사한 설명 - SFH-4543

제조업체부품명데이터시트상세설명
logo
CT Micro International ...
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
SMD Type 940nm Infrared Emitter
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
High Power Infrared Emitter (940nm) in SMR
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
High Power Infrared Emitter (940nm) in SMR
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
High Power Infrared Emitter (850nm) in SMR짰 Package
logo
CT Micro International ...
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
SMD Type 940nm Infrared Emitter
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com