전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4544 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4544
상세설명  Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4544 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4544 Datasheet HTML 1Page - OSRAM GmbH SFH-4544 Datasheet HTML 2Page - OSRAM GmbH SFH-4544 Datasheet HTML 3Page - OSRAM GmbH SFH-4544 Datasheet HTML 4Page - OSRAM GmbH SFH-4544 Datasheet HTML 5Page - OSRAM GmbH SFH-4544 Datasheet HTML 6Page - OSRAM GmbH SFH-4544 Datasheet HTML 7Page - OSRAM GmbH SFH-4544 Datasheet HTML 8Page - OSRAM GmbH SFH-4544 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Infrared Emitter (940 nm)
Version 1.3
SFH 4544
Ordering Information
Features:
•
Wavelength 950nm
•
Narrow half angle ± 10°
•
Short switching times
•
UL version available ( ordering code & test conditions on request)
Applications
•
Infrared Illumination for cameras
•
Sensor technology
•
Data transmission
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F= 100 mA, tp= 20 ms
SFH 4544
550 (≥ 250)
Q65111A4886
Note:
Measured at a solid angle of Ω = 0.001 sr


유사한 부품 번호 - SFH-4544

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4545 OSRAM-SFH-4545 Datasheet
405Kb / 9P
High Power Infrared Emitter
SFH-4546 OSRAM-SFH-4546 Datasheet
406Kb / 9P
High Power Infrared Emitter
SFH-4547 OSRAM-SFH-4547 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results

유사한 설명 - SFH-4544

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
Infrared Emitter
MTSM0077-843-IR MARKTECH-MTSM0077-843-IR Datasheet
1Mb / 5P
Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com