전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-4545 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH-4545
상세설명  High Power Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4545 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH-4545 Datasheet HTML 1Page - OSRAM GmbH SFH-4545 Datasheet HTML 2Page - OSRAM GmbH SFH-4545 Datasheet HTML 3Page - OSRAM GmbH SFH-4545 Datasheet HTML 4Page - OSRAM GmbH SFH-4545 Datasheet HTML 5Page - OSRAM GmbH SFH-4545 Datasheet HTML 6Page - OSRAM GmbH SFH-4545 Datasheet HTML 7Page - OSRAM GmbH SFH-4545 Datasheet HTML 8Page - OSRAM GmbH SFH-4545 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-09-26
1
2016-09-26
High Power Infrared Emitter (940 nm)
Version 1.4
SFH 4545
Ordering Information
Features:
•
High Power Infrared LED
•
Short switching times
Applications
•
Infrared Illumination for cameras
•
Sensor technology
•
Data transmission
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF= 100 mA, tp= 20 ms
SFH 4545
550 (≥ 250)
Q65110A8095
SFH 4545-DWEW
400 ... 1250
Q65111A3701
Note:
Measured at a solid angle of Ω = 0.001 sr


유사한 부품 번호 - SFH-4545

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4542 OSRAM-SFH-4542 Datasheet
261Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4543 OSRAM-SFH-4543 Datasheet
260Kb / 10P
High Power Infrared Emitter (940nm) in SMR짰 Package
SFH-4544 OSRAM-SFH-4544 Datasheet
412Kb / 9P
Infrared Emitter
SFH-4546 OSRAM-SFH-4546 Datasheet
406Kb / 9P
High Power Infrared Emitter
SFH-4547 OSRAM-SFH-4547 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results

유사한 설명 - SFH-4545

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com