전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C15419 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C15419
상세설명  ~340째 decorative beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15419 데이터시트(HTML) 1 Page - Ledil, Inc.

  C15419 Datasheet HTML 1Page - Ledil, Inc. C15419 Datasheet HTML 2Page - Ledil, Inc. C15419 Datasheet HTML 3Page - Ledil, Inc. C15419 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C15419_ZORYA-MINI
ZORYA-MINI
~340° decorative beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 24 mm
Height
14.2 mm
Fastening
glue, tape, snaps, clips, robot
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
5.9 kg
Quantity in Box
2176 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ZORYA-MINI
Lens
PC
clear
Last update: 07/02/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - C15419

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C15413 LEDIL-C15413 Datasheet
2Mb / 5P
IESNA Type II (medium) beam
C15417 LEDIL-C15417 Datasheet
2Mb / 45P
Strada Assembly
More results

유사한 설명 - C15419

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OVM18F4W7 OPTEK-OVM18F4W7 Datasheet
268Kb / 2P
Special decorative interior/exterior lighting
logo
IK Semicon Co., Ltd
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
Architecture and decorative LED lighting
logo
Lumins Inc.
TR1301 LUMINIS-TR1301_16 Datasheet
639Kb / 3P
Set of four aluminum perforated decorative arms
logo
Ledil, Inc.
CA15584 LEDIL-CA15584 Datasheet
2Mb / 4P
~340째 decorative beam. Assembly with installation tape.
F15074 LEDIL-F15074 Datasheet
3Mb / 4P
~340째 decorative beam
FP15073 LEDIL-FP15073 Datasheet
5Mb / 9P
~340째 decorative beam. Assembly with ZORYA adapter.
logo
PHOENIX CONTACT
2200915 PHOENIX-2200915 Datasheet
43Kb / 2P
Decorative strip for HC-ALU panel mounting base
2200916 PHOENIX-2200916 Datasheet
43Kb / 2P
Decorative strip for HC-ALU panel mounting base
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
LED decorative lighting
logo
Ledil, Inc.
FP15072 LEDIL-FP15072 Datasheet
3Mb / 9P
~340째 decorative beam
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com