전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FA13646 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 FA13646
상세설명  ~18째 diffused spot beam. Assembly with colour mixing lens, holder and installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA13646 데이터시트(HTML) 1 Page - Ledil, Inc.

  FA13646 Datasheet HTML 1Page - Ledil, Inc. FA13646 Datasheet HTML 2Page - Ledil, Inc. FA13646 Datasheet HTML 3Page - Ledil, Inc. FA13646 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA13646_TWIDDLE-RZ-D
TWIDDLE-RZ-D
~18° diffused spot beam. Assembly with colour
mixing lens, holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.56 mm
Height
14.6 mm
Fastening
tape, pin
Colour
Box size
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TWIDDLE-D-OUTER-LENS
Lens
PC
TWIDDLE-RZ-INNER-LENS
Lens
PMMA
clear
TWIDDLE-A-HLD
Holder
PC
LEILA-TAPE
Tape
PU tape
black
Last update: 23/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - FA13646

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FA13647 LEDIL-FA13647 Datasheet
2Mb / 4P
~20째 medium beam. Assembly with colour mixing lens, holder and installation tape.
More results

유사한 설명 - FA13646

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FA13647 LEDIL-FA13647 Datasheet
2Mb / 4P
~20째 medium beam. Assembly with colour mixing lens, holder and installation tape.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com