전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT3965 데이터시트(PDF) 21 Page - Linear Technology

부품명 LT3965
상세설명  8-Switch Matrix LED Dimmer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT3965 데이터시트(HTML) 21 Page - Linear Technology

Back Button LT3965 Datasheet HTML 17Page - Linear Technology LT3965 Datasheet HTML 18Page - Linear Technology LT3965 Datasheet HTML 19Page - Linear Technology LT3965 Datasheet HTML 20Page - Linear Technology LT3965 Datasheet HTML 21Page - Linear Technology LT3965 Datasheet HTML 22Page - Linear Technology LT3965 Datasheet HTML 23Page - Linear Technology LT3965 Datasheet HTML 24Page - Linear Technology LT3965 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3965/LT3965-1
21
39651fa
For more information www.linear.com/LT3965
APPLICATIONS INFORMATION
longer exists when the write command is updating the
command register at the I2C STOP condition, the fault
status bit matching the channel will be cleared and the
ALERT pin will be deasserted. Otherwise, the fault status
bit will remain set, and the ALERT pin will remain asserted
or be asserted again if previously deasserted.
OVERHEAT FAULT DETECTION AND ALERT ASSERTION
AnoverheatfaultwillbetriggeredwhentheICtemperature
exceeds 170°C. Once an overheat fault is triggered, all
status bits in both the OLFREG register and the SLFREG
register will be set, which will cause the ALERT pin to be
asserted (pulled down) and all eight channel switches to
be turned on (LEDs to be turned off) for cooling down
the system.
OVERHEAT STATUS BITS CLEARANCE
The fault status bits set in the OLFREG register and the
SLFREG register by an overheat fault can only be cleared
by an ACMODE write command with all 1s in its data byte.
If the IC temperature is below 160°C when the ACMODE
write command is updating the ACMREG register at the
I2C STOP condition, the fault status bits will be cleared
and the ALERT pin will be deasserted. Otherwise, the fault
status bits will remain set, and the ALERT pin will remain
asserted or be asserted again if previously deasserted.
ALERT DEASSERTION
The LT3965LT3965-1 deasserts the ALERT pin in either
of the following two situations:
1) The LT3965/LT3965-1 has successfully completed the
ARA procedure initiated by the master. Please note that
the successfully completed ARA procedure does not
clear fault status bits. It only deasserts the ALERT pin.
2) The LT3965/LT3965-1 has received an ACMODE or
SCMODE write command which cleared the fault status
bits, resulting in the ALERT pin deassertion.
PRINTED CIRCUIT BOARD LAYOUT
When laying out the printed circuit board, the following
checklist should be followed to ensure proper operation
of the LT3965/LT3965-1:
1. Connect the exposed pad of the package (Pin 29) di-
rectly to a large ground plane to minimize thermal and
electrical impedance.
2. Keep the LED connection traces as short as possible.
3. Place power supply bypass capacitors as close as pos-
sible to the supply pins.
4. Place the RTCLK resistor as close as possible to the IC
if a resistor is used to set LED dimming frequency.
Long Wires or Cables Between LT3965/LT3965-1 and
LEDs
The best practice is to place the LT3965/LT3965-1 and the
LEDs it controls on the same PCB and to keep LED con-
nection traces as short as possible. Long wires (>>10cm)
between the LT3965/LT3965-1 and the LEDs introduce
parasitic inductance that leads to an underdamped RLC
response (ringing) in the switching voltage when chan-
nel is switching on and off. A meter of 30-gage wire can
introduce about 1µH of parasitic inductance. The ringing
can trigger open LED protection due to false open LED
detection, and cause the channel to bypass good LEDs. In
extremecases,theringingmayexceedabsolutemaximum
ratings and damage the part. The parasitic inductance also
generates a step voltage waveform (relative to GND) at
the switches at the frequency of the switching regulator.
The magnitude of this step waveform depends upon the
current ripple in the source and the parasitic inductance.
The fast edges of the step waveform can cause unintended
toggling of the LT3965/LT3965-1 switches.
RC snubber circuits (shown in Figure 14) can suppress the
ringing and allow use of wires up to 1 meter with no false
fault detection. The snubber should be placed close to the
IC. Please note that an 8-LED string requires 9 snubbers:
one snubber across each of the 8 switches and a snubber
across all 8 switches (R9, C9). The 9th snubber (R9, C9)
softens the stepped waveform edges. With the snubbers,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com