전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDMF6821C 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 FDMF6821C
상세설명  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6821C 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button FDMF6821C Datasheet HTML 3Page - ON Semiconductor FDMF6821C Datasheet HTML 4Page - ON Semiconductor FDMF6821C Datasheet HTML 5Page - ON Semiconductor FDMF6821C Datasheet HTML 6Page - ON Semiconductor FDMF6821C Datasheet HTML 7Page - ON Semiconductor FDMF6821C Datasheet HTML 8Page - ON Semiconductor FDMF6821C Datasheet HTML 9Page - ON Semiconductor FDMF6821C Datasheet HTML 10Page - ON Semiconductor FDMF6821C Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6821C • Rev. 1.0.0
6
Electrical Characteristics
Typical values are VIN = 12 V, VCIN = 5 V, VDRV = 5 V, and TA = TJ = +25°C unless otherwise noted.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
Thermal Warning Flag
TACT
Activation Temperature
150
°C
TRST
Reset Temperature
135
°C
RTHWN
Pull-Down Resistance
IPLD=5 mA
30
Ω
High-Side Driver (fSW = 1000 kHz, IOUT = 30 A, TA = +25°C)
RSOURCE_GH Output Impedance, Sourcing Source Current=100 mA
1
Ω
RSINK_GH
Output Impedance, Sinking
Sink Current=100 mA
0.8
Ω
tR_GH
Rise Time
GH=10% to 90%
10
ns
tF_GH
Fall Time
GH=90% to 10%
10
ns
tD_DEADON
LS to HS Deadband Time
GL Going LOW to GH Going HIGH,
1.0 V GL to 10% GH
15
ns
tPD_PLGHL
PWM LOW Propagation
Delay
PWM Going LOW to GH Going LOW,
VIL_PWM to 90% GH
20
30
ns
tPD_PHGHH
PWM HIGH Propagation
Delay (SMOD# =0)
PWM Going HIGH to GH Going HIGH,
VIH_PWM to 10% GH (SMOD# =0, ID_LS>0)
30
ns
tPD_TSGHH
Exiting 3-State Propagation
Delay
PWM (From 3-State) Going HIGH to GH
Going HIGH, VIH_PWM to 10% GH
30
ns
Low-Side Driver (fSW = 1000 kHz, IOUT = 30 A, TA = +25°C)
RSOURCE_GL Output Impedance, Sourcing Source Current=100 mA
1
Ω
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.5
Ω
tR_GL
Rise Time
GL=10% to 90%
20
ns
tF_GL
Fall Time
GL=90% to 10%
10
ns
tD_DEADOFF HS to LS Deadband Time
SW Going LOW to GL Going HIGH,
2.2 V SW to 10% GL
15
ns
tPD_PHGLL
PWM-HIGH Propagation
Delay
PWM Going HIGH to GL Going LOW,
VIH_PWM to 90% GL
10
25
ns
tPD_TSGLH
Exiting 3-State Propagation
Delay
PWM (From 3-State) Going LOW to GL
Going HIGH, VIL_PWM to 10% GL
20
ns
Boot Diode
VF
Forward-Voltage Drop
IF=20 mA
0.3
V
VR
Breakdown Voltage
IR=1 mA
22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com