| 전자부품 데이터시트 검색엔진 |
|
LTC6947 데이터시트(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6947 데이터시트(HTML) 8 Page - Linear Technology |
|
8 / 10 page ![]() 8 dc1846af DEMO MANUAL DC1846A SCHEMATIC DIAGRAM Note: The buffers shown on sheet 2 of 2 of the schematic are used to protect the LTC6947 when connected to the DC590 before the LTC6947 is powered up. There is no need for such circuitry if the SPI bus is not powered before powering up the LTC6947. The EEPROM is for identification and is not needed to program the LTC6947. |