| 전자부품 데이터시트 검색엔진 |
|
74ACT138MTR 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74ACT138MTR 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() 74ACT138 3/10 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 0.8V to 2.0V Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 400 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) 8 ns/V |