전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP6514 데이터시트(PDF) 5 Page - Monolithic Power Systems

부품명 MP6514
상세설명  0.6A, 14V Half H-bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6514 데이터시트(HTML) 5 Page - Monolithic Power Systems

  MP6514 Datasheet HTML 1Page - Monolithic Power Systems MP6514 Datasheet HTML 2Page - Monolithic Power Systems MP6514 Datasheet HTML 3Page - Monolithic Power Systems MP6514 Datasheet HTML 4Page - Monolithic Power Systems MP6514 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV6514-G-00A 0.6A, 14V HALF H-BRIDGE MOTOR DRIVER EV BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV6514-G-00A Rev.1.0
www.MonolithicPower.com
5
7/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2016 MPS. All Rights Reserved.
QUICK START GUIDE
This board is set up from the factory for 2.5V to 14V operation.
U1
GND
VCC
INPUT
OUT
OUT1
OUT2
HIN1
LIN1
LIN2
HIN2
MPS
Monolithic power Systems
MP6514 Demo Board
www.monolithicpower.com
MPS Confidential
For Customer Use Only
Made in China
MP6514-G-00A
Figure 5. Input and Output Terminals of EV6514-G-00A
1. Applications
This evaluation board can be used to control two single-phase DC motor, recommended supply
voltage is range from 2.5V to 14V, and the maximum drive current is up to 0.6A for one channel.
2. Input logic
The MP6514 can drive two DC motors in a single-ended connection with separate controls for the
high-side or low-side MOSFETs. The motor can be connected to either the supply or GND.
If all input pins (HIN1, HIN2, LIN1, and LIN2) remain at a low level within a certain time, then the
MP6514 enters a low-power sleep mode. In this state, all unnecessary internal circuitry is powered
down.
Table 1 shows the logic for the MP6514:
HIN(X)
LIN(X)
OUT(X)
FunctionMotor toSupply
FunctionMotor toGND
L
L
Z
Coast (sleep)
Coast (sleep)
L
H
L
Drive
Brake
H
L
H
Brake
Drive
H
H
L
Coast
Coast
3. Setup Condition
a. Preset power supply of 2.5V to 14V between on VCC and GND terminal.
b. The connector INPUT/HIN(X) / LIN(X) should be connected to input signals, and refer above
table to find the corresponding control logic.
c. The connector OUT1 and OUT2 should be connected to the motor winding terminals. one
winding should be connected to OUT1/OUT2, while the other should be connected to VCC/GND.
d. Turn on power supply.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com