전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM4852 데이터시트(PDF) 13 Page - Analog Devices

부품명 ADM4852
상세설명  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM4852 데이터시트(HTML) 13 Page - Analog Devices

Back Button ADM4852 Datasheet HTML 8Page - Analog Devices ADM4852 Datasheet HTML 9Page - Analog Devices ADM4852 Datasheet HTML 10Page - Analog Devices ADM4852 Datasheet HTML 11Page - Analog Devices ADM4852 Datasheet HTML 12Page - Analog Devices ADM4852 Datasheet HTML 13Page - Analog Devices ADM4852 Datasheet HTML 14Page - Analog Devices ADM4852 Datasheet HTML 15Page - Analog Devices ADM4852 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 13 of 16
HIGH RECEIVER INPUT IMPEDANCE
The input impedance of the ADM485x receivers is 96 kΩ,
which is 8 times higher than the standard RS-485 unit load of
12 kΩ. This 96 kΩ impedance, enables a standard driver to
drive 32 unit loads or be connected to 256 ADM485x receivers.
An RS-485 bus, driven by a single standard driver, can be
connected to a combination of ADM485x and standard unit
load receivers, up to an equivalent of 32 standard unit loads.
THREE-STATE BUS CONNECTION
The half-duplex parts have a driver enable (DE) pin that enables
the driver outputs when taken high, or puts the driver outputs
into a high impedance state when taken low. Similarly, the half-
duplex devices have an active-low receiver enable (RE) pin.
Taking this pin low enables the receiver, while taking it high
puts the receiver outputs into a high impedance state. This
allows several driver outputs to be connected to an RS-485 bus.
Note that only one driver should be enabled at a time, while
many receivers can be enabled.
SHUTDOWN MODE
The ADM4850–ADM4853 have a low power shutdown mode,
which is enabled by taking RE high and DE low. If shutdown
mode is not used, the fact that DE is active high and RE is active
low offers a convenient way of switching the device between
transmit and receive by tying DE and RE together.
The devices are guaranteed not to enter shutdown mode if DE
and RE are driven in this way. If DE is low and RE is high for
less than 50 ns, the device does not enter shutdown mode. If DE
is low and RE is high for less than 3000 ns, the device is
guaranteed to enter shutdown mode.
FAIL-SAFE OPERATION
The ADM4850–ADM4857 offer true fail-safe operation while
remaining fully compliant with the ±200 mV EIA/TIA-485
standard. A logic-high receiver output is generated when the
receiver inputs are shorted together or open-circuit, or when
they are connected to a terminated transmission line with all
drivers disabled. This is done by setting the receiver threshold
between −30 mV and −200 mV. If the differential receiver input
voltage (A-B) is greater than or equal to −30 mV, RO is logic
high. If A-B is less than or equal to −200 mV, RO is logic low. In
the case of a terminated bus with all transmitters disabled, the
receiver’s differential input voltage is pulled to 0 V by the
ADM485x’s internal circuitry, which results in a logic high with
30 mV minimum noise margin.
CURRENT LIMIT AND THERMAL SHUTDOWN
The ADM485x incorporates two protection mechanisms to
guard the drivers against short circuits, bus contention, or other
fault conditions. The first is a current-limiting output stage,
which protects the driver against short circuits over the entire
common-mode voltage range by limiting the output current to
approximately 70 mA. Under extreme fault conditions where
the current limit is not effective, a thermal shutdown circuit
puts the driver outputs into a high impedance state if the die
temperature exceeds 150°C, and does not turn them back on
until the temperature falls to 130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com