| 전자부품 데이터시트 검색엔진 |
|
DDZX9683 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DDZX9683 데이터시트(HTML) 2 Page - Diodes Incorporated |
|
2 / 6 page ![]() DS30411 Rev. 1 - 2 2 of 6 DDZX9682 - DDZX9717 www.diodes.com Electrical Characteristics Table 1 @ TA = 25 °C unless otherwise specified Notes: 4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30 °C ±1°C. 5. Short duration pulse test used to minimize self-heating effect. Type Number Type Code Zener Voltage Range (Note 4) Maximum Reverse Leakage Current (Note 5) VZ @ IZT IZT IR @ VR Nom (V) Min (V) Max (V) mA mA V DDZX9682 HA 2.7 2.565 2.835 50 1 1 DDZX9683 HB 3.0 2.85 3.15 50 0.8 1 DDZX9684 HC 3.3 3.13 3.47 50 7.5 1.5 DDZX9685 HD 3.6 3.42 3.78 50 7.5 2 DDZX9686 HE 3.9 3.70 4.10 50 5 2 DDZX9687 HF 4.3 4.09 4.52 50 4 2 DDZX9688 HG 4.7 4.47 4.94 50 5 3 DDZX9689 HH 5.1 4.85 5.36 50 5 3 DDZX9690 HJ 5.6 5.32 5.88 50 2 4 DDZX9691 HK 6.2 5.89 6.51 50 1 5 DDZX9692 HL 6.8 6.46 7.14 50 0.1 5.1 DDZX9693 HM 7.5 7.13 7.88 50 0.1 5.7 DDZX9694 HN 8.2 7.79 8.61 50 0.1 6.2 DDZX9696 HP 9.1 8.65 9.56 50 0.1 6.9 DDZX9697 HQ 10 9.50 10.50 50 0.1 7.6 DDZX9698 HR 11 10.45 11.55 50 0.05 8.4 DDZX9699 HS 12 11.40 12.60 50 0.05 9.1 DDZX9700 HT 13 12.35 13.65 50 0.05 9.8 DDZX9701 HU 14 13.30 14.70 50 0.05 10.6 DDZX9702 HV 15 14.25 15.75 50 0.05 11.4 DDZX9703 HW 16 15.20 16.80 50 0.05 12.1 DDZX9705 HY 18 17.10 18.90 50 0.05 13.6 DDZX9707 MD 20 19.00 21.00 50 0.05 15.2 DDZX9708 ME 22 20.90 23.10 50 0.05 16.7 DDZX9709 MF 24 22.80 25.20 50 0.05 18.2 DDZX9711 MH 27 25.65 28.35 50 0.05 20.4 DDZX9712 MJ 28 26.60 29.40 50 0.05 21.2 DDZX9713 MK 30 28.50 31.50 50 0.05 22.8 DDZX9714 ML 33 31.35 34.65 50 0.05 25.0 DDZX9715 MM 36 34.20 37.80 50 0.05 27.3 DDZX9716 MN 39 37.05 40.95 50 0.05 29.6 DDZX9717 MO 43 40.85 45.15 50 0.05 32.6 |