전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NSC5035D 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 NSC5035D
상세설명  Low Phase Noise Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSC5035D 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  NSC5035D Datasheet HTML 1Page - NIHON DEMPA KOGYO NSC5035D Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1803B_NZ3225SD_e
Absolute maximum rating
Supply Voltage (VCC) –0.6 to +6.0 V
Storage Temperature Range –55 to +125 °C
NZ3225SD
Low Phase Noise Type
● For High-quality-audio, Smartphone, Tablet computers, Wireles module,
Notebook PC and DSC
■ Application
● Low phase noise make this product ideal for High quality audio.
● Compact and light. Dimensions : 3.2 x 2.5 x 0.9 mm, weight : 0.02 g.
● Wide frequency range: 1.5 to 80 MHz.
● Automatic mounting by taping and IR reflow (lead-free) are possible.
● Lead-free.
■ Features
mm
Terminal land connections
Mount an approx. 0.01 F bypass capacitor between VCC and GND (close to the product).
#1
#2
STAND-BY
GND
#3
#4
OUTPUT
VCC
3.2 ± 0.1
(0.6)
#1
#2
#4
#3
1.2 ± 0.1
C0.3
#1
#2
#4
#3
0.9
1.0
Land pattern (Typical)
Cby=0.01F
2.2
1.2
#4
#3
#2
#1
■ Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
■ Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
■ Standby Function
■ Specifications
Item
Model
NZ3225SD
Output Specification
CMOS
Nominal Frequency Range
(MHz)
1.5 ≤ F ≤ 80
Overall Frequency Tolerance
(×10–6)
±50
±30
±20
Operating Temperature Range
(°C)
–40 to +85
–10 to +70
–10 to +60
Supply Voltage
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(mA)
1.8 to 8.5
During Standby
+25 °C
(μA)
10
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
6 / 6
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)
■ Characteristics
F=20MHz
F=40MHz
F=60MHz
F=80MHz
+1.8V, +25 °C
Fout±1 kHz (Typ.)
(dBc/Hz)
–147
–143
–139
–136
Fout±100 kHz (Typ.)
–156
–154
–150
–150
+2.5 to +3.3V,
+25 °C
Fout±1 kHz (Typ.)
–151
–148
–142
–136
Fout±100 kHz (Typ.)
–157
–156
–156
–154


유사한 부품 번호 - NSC5035D

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NSC5031A NDK-NSC5031A Datasheet
851Kb / 2P
Standard Type
NSC5031B NDK-NSC5031B Datasheet
851Kb / 2P
Standard Type
NSC5031C NDK-NSC5031C Datasheet
851Kb / 2P
Standard Type
NSC5031D NDK-NSC5031D Datasheet
851Kb / 2P
Standard Type
NSC5037A NDK-NSC5037A Datasheet
732Kb / 2P
Ultralow Power-Driven Type
More results

유사한 설명 - NSC5035D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZ2520S NXP-NZ2520S_08 Datasheet
137Kb / 2P
Low Phase Noise Type
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
NZ2520SD NDK-NZ2520SD Datasheet
828Kb / 2P
Low Phase Noise Type
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
Low Phase Noise
logo
Abracon Corporation
ASTX12-ASVTX12 ABRACON-ASTX12-ASVTX12 Datasheet
2Mb / 4P
Low phase noise
01.27.2017
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
Low Phase Noise Type
NZ2520SD NDK-NZ2520SD_18 Datasheet
925Kb / 2P
Low Phase Noise Type
NZ2520SDA NDK-NZ2520SDA_18 Datasheet
924Kb / 2P
Ultra Low Phase Noise Type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com