전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZX75LP-176 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 ZX75LP-176
상세설명  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-176 데이터시트(HTML) 2 Page - Mini-Circuits

  ZX75LP-176 Datasheet HTML 1Page - Mini-Circuits ZX75LP-176 Datasheet HTML 2Page - Mini-Circuits ZX75LP-176 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
ZX75LP-176+
Applications
• Baseband
• Harmonic suppression
• I.Q Demodulators
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-176+
EDR10356U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 176 MHz
ZX75LP-176+
INSERTION LOSS (Full band)
0
20
40
60
80
100
120
0
300
600
900
1200
1500
1800
2100
FREQUENCY (MHz)
0.0
0.7
1.4
0
60
120
180
ZX75LP-176+
VSWR
1
10
100
1000
0
300
600
900
1200
1500
1800
2100
FREQUENCY (MHz)
1.00
1.15
1.30
0
60
120
180
ZX75LP-176+
INSERTION LOSS (Passband)
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
FREQUENCY (MHz)
ZX75LP-176+
GROUP DELAY
4
5
6
7
8
9
10
0
30
60
90
120
150
180
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-176
—
1.3
2.0
dB
Freq. Cut-Off
F2
189
—
3.0
—
dB
VSWR
DC-F1
DC-176
—
1.3
1.6
:1
Stop Band
Rejection Loss
F3-F4
245-1500
20
30
—
dB
VSWR
F3-F4
245-1500
—
31
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.09
1.02
1
4.75
25
0.20
1.13
5
4.32
120
0.58
1.16
10
4.23
176
1.31
1.25
25
4.19
189
3.12
2.66
50
4.29
200
7.48
6.89
75
4.54
210
12.86
13.81
100
4.90
230
23.63
27.59
110
5.10
245
31.15
35.46
120
5.36
275
45.87
46.96
125
5.52
350
68.10
69.49
130
5.70
450
72.68
91.43
135
5.91
500
74.54
96.51
140
6.14
600
77.46
108.58
145
6.41
700
81.06
102.19
150
6.72
800
89.23
108.58
160
7.52
900
102.10
102.19
165
8.09
1000
88.34
96.51
170
8.82
1250
80.97
86.86
175
9.75
1500
48.16
64.35
176
9.95
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-176-S+



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com